Part Number Hot Search : 
PA0480 121DR 3GH61 NDT12P20 EL5178 R7400U ON1429 M61316SP
Product Description
Full Text Search
 

To Download L2SB1197KXLT1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LESHAN RADIO COMPANY, LTD.
Low Frequency Transistor
PNP Silicon
FEATURE
High current capacity in compact package. IC = 0.8A.
1 2
L2SB1197K*LT1
3
www..com
Epitaxial planar type. NPN complement: L2SD1781K Pb-Free Package is available.
SOT- 23 (TO-236AB)
DEVICE MARKING AND ORDERING INFORMATION
Device L2SB1197KQLT1 L2SB1197KQLT1G L2SB1197KRLT1 L2SB1197KRLT1G Marking AHQ AHQ (Pb-Free) AHR AHR (Pb-Free) Shipping 3000/Tape&Reel 3000/Tape&Reel
3
COLLECTOR
1
3000/Tape&Reel 3000/Tape&Reel
BASE
2
EMITTER
MAXIMUM RATINGS(Ta=25 C)
Parameter Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector power dissipation Junction temperature Storage temperature Symbol VCBO VCEO VEBO IC PC Tj Tstg Limits -40 -32 -5 -0.8 0.2 150 -55 to 150 Unit V V V A W
C C
ELECTRICAL CHARACTERISTICS(Ta=25 C)
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cutoff current Emitter cutoff current Collector-emitter saturation voltage DC current transfer ratio Transition frequency Output capacitance Symbol BVCBO BVCEO BVEBO ICBO IEBO VCE(sat) hFE fT Cob Min. -40 -32 -5 - - - 120 - - Typ. - - - - - - - 200 12 Max. - - - -0.5 -0.5 -0.5 390 - 30 Unit V V V IC= -50A IC= -1mA IE= -50A VCB= -20V VEB= -4V IC/IB= -0.5A/ -50mA VCE= -3V, IC= -100mA VCE= -5V, IE=50mA, f=100MHz VCB= -10V, IE=0A, f=1MHz Conditions
A A
V - MHz pF
hFE values are classified as follows :
Item(*) hFE Q 120~270 R 180~390
L2SB1197KLT1-1/3
LESHAN RADIO COMPANY, LTD.
L2SB1197KQLT1 L2SB1197KRLT1
www..com
L2SB1197KLT1-2/3
LESHAN RADIO COMPANY, LTD.
L2SB1197KQLT1 L2SB1197KRLT1
SOT-23
NOTES:
www..com A L
3 1 2
1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH.
BS
DIM A B C D G H J K L S V
V
G
C D H K J
INCHES MIN MAX 0.1102 0.1197 0.0472 0.0551 0.0350 0.0440 0.0150 0.0200 0.0701 0.0807 0.0005 0.0040 0.0034 0.0070 0.0140 0.0285 0.0350 0.0401 0.0830 0.1039 0.0177 0.0236
MILLIMETERS MIN MAX 2.80 3.04 1.20 1.40 0.89 1.11 0.37 0.50 1.78 2.04 0.013 0.100 0.085 0.177 0.35 0.69 0.89 1.02 2.10 2.64 0.45 0.60
0.037 0.95
0.037 0.95
0.079 2.0 0.035 0.9 0.031 0.8
inches mm
L2SB1197KLT1-3/3


▲Up To Search▲   

 
Price & Availability of L2SB1197KXLT1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X